PART |
Description |
Maker |
ATTINY25V-10MUR ATTINY45-20XUR ATTINY85V-10PU |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PQCC20 4 X 4 MM, 0.80 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220WGGD-5, MLF-20 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO8 4.40 MM, GREEN, PLASTIC, MO-153AC, TSSOP-8 8-bit Microcontroller with 2/4/8K Bytes In-System Programmable Flash 8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, PDIP8
|
Atmel, Corp.
|
ATMEGA644PA-PU ATMEGA164PA-MU ATMEGA164PA-MUR ATME |
8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP40 0.600 INCH, GREEN, PLASTIC, MS-011AC, DIP-40 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC44 7 X 7 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, PLASTIC, MO-220VKKD-3, VQFN-44 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, 1 MM HEIGHT, 0.80 MM PITCH, GREEN, PLASTIC, MS-026ACB, TQFP-44 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PBGA49 5 X 5 MM, 1 MM HEIGHT, 0.65 MM PITCH, GREEN, VFBGA-49 MCU AVR 32KB FLASH 40PDIP 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP40
|
Atmel, Corp.
|
ATMEGA162V-8MUR ATMEGA162V-8AU |
8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, QCC44 7 X 7 MM, 1 MM HEIGHT, 0.50 MM PITCH, GREEN, MO-220VKKD-3, MLF-44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44
|
Atmel, Corp. ATMEL CORP
|
MB91260B MB91263B MB91F264BPFV-G-E1 MB91F264BPF-G- |
32-BIT, MROM, 33 MHz, RISC MICROCONTROLLER, PQFP100 32-BIT, FLASH, 33 MHz, RISC MICROCONTROLLER, PQFP100 PLASTIC, LQFP-100 32-bit Proprietary Microcontroller CMOS
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited.
|
PIC16F16-E/P PIC16F16-E/PQTP PIC16F16-E/PSQTP PIC1 |
8-bit Flash-based Microcontroller with A/D Converter and Enhanced Capture/Compare/PWM 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO18 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO20
|
Microchip Technology
|
XC2289H SAF-XC2289H-200F100L SAH-XC2289H-136F80L S |
16/32-Bit Single-Chip Microcontroller with 32-Bit Performance 32-BIT, FLASH, 100 MHz, RISC MICROCONTROLLER, PQFP144 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PQFP144
|
Infineon Technologies AG Infineon Technologies A...
|
STM32F205ZCT6XXX STM32F205ZCT6TR STM32F205RCY6TR S |
32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PQFP144 20 X 20 MM, ROHS COMPLIANT, LQFP-144 32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PBGA66 ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
|
ST Microelectronics STMICROELECTRONICS
|
ATMEGA644P-A15MZ ATMEGA324P-A15MZ ATMEGA164P-A15MZ |
8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQCC44 7 X 7 MM, 0.50 MM PITCH, GREEN, MO-220WKKD-1, QFN-44 MCU AVR 32KB FLASH 15MHZ 44QFN 8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, PQCC44 Nonvolatile Program and Data Memories
|
Atmel, Corp. ATMEL Corporation
|
ATMEGA103 ATMEGA103-6AC ATMEGA103-6AI ATMEGA103L A |
ER 4C 4#16S SKT RECP 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PQFP64 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 6 MHz, RISC MICROCONTROLLER, PQFP64 MS/STANDARD CYLINDRICAL MIL-C-5015 SERIES 3102E ENVIRONMENTAL RESISTING BOX MOUNT RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 14S SHELL SIZE, 14S-2 INSERT ARRANGEMENT, RECEPTACLE GENDER, 4 CONTACTS ER 1C 1#16S PIN RECP BOX 8-Bit Microcontroller with 64K/128K Bytes In-System Programmable Flash
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
SAF-XC2268M-104F80L SAK-XC2268M-56F80L SAF-XC2268M |
32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PQFP100 0.50 MM PITCH, GREEN, PLASTIC, LQFP-100 Power MOSFETs 16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
|
Infineon Technologies AG Infineon Technologies A...
|
|